PART |
Description |
Maker |
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
IRFU3709 |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 90A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 30V的五(巴西)直| 90A型(丁)|51AA HEXFET? Power MOSFET SMPS MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
PIC18F4520TI_SO PIC18F2420TE_PSTQP PIC18F2420TE/PS |
MOSFET N-CH 70V 76A TO-247AD 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技10 CABLE ASSEMBLY; MHV MALE TO SHV PLUG ; 93 OHM, RG62A/U COAX; 12" CABLE LENGTH 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器位A / D和纳瓦技0 MOSFET N-CH 800V 27A TO-264AA MOSFET N-CH 200V 58A TO-247AD MOSFET N-CH 200V 120A TO-264AA ADAPTER BNC R/A FEMALE-MALE Din Rail; External Width:7.5mm; Length:2m; Body Material:Steel MOSFET N-CH 70V 110A TO-264AA MOSFET N-CH 900V 6A TO-247AD MOSFET N-CH 600V 48A TO-264 MOSFET N-CH 500V 48A TO-264AA MOSFET N-CH 600V 44A TO-264AA MOSFET N-CH 100V 180A TO-264AA Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Microchip Technology, Inc. Microchip Technology Inc.
|
NID9N05CL NID9N05CLT4 NID9N05CLT4G |
Power MOSFET Power MOSFET 9 Amps, 52 Volts N-Channel, Logic Level(9 A, 52V?昏??靛钩锛???????MOSFET) Power MOSFET 9 A, 52 V, N-Channel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
|
ON Semiconductor
|
NTE2946 NTE2944 |
30V N-Channel PowerTrench MOSFET 30V的N沟道的PowerTrench MOSFET MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
IXTA10N60P IXTP10N60P IXTI10N60P |
MOSFET N-CH 600V 10A D2-PAK 10 A, 600 V, 0.74 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB PolarHV Power MOSFET
|
Infineon Technologies AG IXYS CORP IXYS Corporation
|
VRF150 VRF15010 VRF150MP |
RF MOSFET (VDMOS) for 50V operation; P(out) (W): 150; P(in) (W): 15; Gain (dB): 10; VDD (V): 50; Coss (pF): 240; Case Style: M174 VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER VERTICAL MOSFET
|
Microsemi, Corp. Microsemi Corporation
|
IXTA4N60P IXTU4N60P IXTY4N60P |
MOSFET N-CH 600V 4A D2-PAK 4 A, 600 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB PolarHV Power MOSFET
|
IXYS, Corp. IXYS Corporation
|
IRFR6215PBF IRFU6215PBF IRFR6215TR IRFR6215TRL IRF |
Advanced Process Technology HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 13 A, 150 V, 0.295 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA 175°C Operating Temperature
|
International Rectifier
|
IRLL024NQ IRLL024NQTRPBF |
3.1 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET HEXFET? Power MOSFET HEXFET㈢ Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
International Rectifier
|
MIC442005 MIC4429 MIC4420 MIC4420BM MIC4420BMM MIC |
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process IC DRIVER MOSFET 6A HS 8-SOIC 6 A BUF OR INV BASED MOSFET DRIVER, PDSO8 6 A BUF OR INV BASED MOSFET DRIVER, PSFM5
|
MIC GROUP RECTIFIERS Micrel Semiconductor, Inc. MICREL INC
|